Part Number Hot Search : 
NTE3082 BUZ384 REKET 3312L 01M10 HD74UH04 5KP54 5KP54
Product Description
Full Text Search
 

To Download M15KE82A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data sheet gort road business park, ennis, co. clare, ireland. 6 lake street, lawrence, ma 01841 tel: +353 (0) 65 6840044 , fax: +353 (0) 65 6822298 tel: 1 - 800 - 446 - 1158 / (978) 794 - 1666, fax: (978) 6890803 website: http: //www.micros emi.com rf01008 rev c , september 2010 hi gh rel iability product group page 1 of 4 devices m1.5ke6.8a thru m1.5ke400ca, e3 levels m, ma, mx, mxl features ? high reliability controlled devices with wafer fabrication and assembly lot traceability ? 100 % surge tested devices ? suppresses transients up to 1500 watts @ 10/1000 s ? optional upscreening available by replacing the m pref ix with ma, mx or mxl. these prefixes specify various screening and conforman ce inspection options based on mil - prf - 19500. refer to m icron ote 129 for more d etails on the screening options . ? surface mount equivalent packages are available as msmc (g)( j ) 5.0a - smc (g)( j ) 170ca (consult factory for other surface mount options) ? moisture classification is level 1 with no dry pack required per ipc/jedec j - std - 020b ? rohs compliant devices available by adding e3 suffix ? 3 lot norm screening performed on standby current i d applications / benefits ? protection from switching transients and induced rf ? protection from esd and eft per iec 61000 - 4 - 2 an d iec 61000 - 4 - 4 with fast response ? secondary lightning protection per iec 61000 - 4 - 5 with 42 ohms source impedance: o class 1: m1.5ke6.8a to m1.5ke200ca o class 2: m1.5ke5.0a to m1.5ke180ca o clas s 3: m1.5ke5.0a to m1.5ke91ca o class 4: m1.5ke5 .0a to m1.5k e43ca ? secondary lightning protection per iec61000 - 4 - 5 with 12 ohms source impedance: o class 1 : m1.5ke5.0a to m1.5ke110ca o class 2: m1.5ke5.0a to m1.5ke56ca o class 3: m1.5ke5.0a to m1.5ke27aca o class 4: m1.5ke5.0a to m1.5ke13ca ? secondary lightning protection per iec61000 - 4 - 5 with 2 ohms source impedance: o class 2: m1.5ke5.0a to m1.5ke24ca o class 3: m1.5ke5.0a to m1.5ke12ca maximum ratings ? peak pulse power dissipation at 25 o c : 1500 watts at 10/1000 s (also see fig ures 1, 2, and 3) with impuls e repetition rate (duty factor) of 0.01 % or less ? t clamping (0 volts to v br min.): < 100 ps theoretical for unidirectional and < 5 ns for bidirectional ? operating and storage temperature: - 65 o c to +150 o c ? thermal resistance: 22 o c/w junction to lead at 3/8 inch (10 mm) from body, or 82 o c/w junction to ambient when mounted on fr4 pc board with 4 mm 2 copper pads (1oz) and track width 1 mm, length 25 mm ? steady - state power dissipation: 5 watts at t l = 40 o c, or 1.52 watts at t a = 25 o c when mounted on fr 4 pc board described for thermal resistance ? forward surge: 200 amps peak impulse of 8.3 ms half - sine wave at 25oc (unidirectional only) . ? solder temperatures: 260 o c for 10 s (maximum) case 1 unidirectional and bidirectional transient voltage suppressor - high reliability controlled devices - economical series for thru hole mounting - unidirectional (a) and bidirectional (ca) construction - selections for 5.8 v to 324 v standoff voltages (v wm )
technical dat a sheet gort road business park, ennis, co. clare, ireland. 6 lake street, lawrence, ma 01841 tel: +353 (0) 65 6840044 , fax: +353 (0) 65 6822 298 tel: 1 - 800 - 446 - 1158 / (978) 794 - 1666, fax: (978) 6890803 website: http://www.microsemi.com ___________________________________________________________________________________ ________________________________________________ rf01008 rev c , september 2010 hi gh rel iability product group page 2 of 4 mechanical and packaging ? void - free transfer molded thermosetting epoxy body meeting ul94v - 0 ? tin - lead (90 % sn, 10 % pb) or rohs (100% sn) compliant annealed matte - tin plating readily solderable per mil - std - 750, method 2026 ? body marked with part number ? cathode indicated by band. no cathode band on bi - directional devices. ? available in b ulk or custom tape - and - reel packaging ? tape - and - reel s tandard per eia - 296 (add tr suffix to part number) ? weight: 1.5 gram (approximate) package dimensions symbols & definitions symbol definition symbol definition v wm working peak (standoff) voltage i pp peak pulse current p pp peak pulse power v c clamping voltage v br breakdown voltage i br breakdown current for v br i d standby current note: cathode indicated by band all dimensions in inches millimeters
technical dat a sheet gort road business park, ennis, co. clare, ireland. 6 lake street, lawrence, ma 01841 tel: +353 (0) 65 6840044 , fax: +353 (0) 65 6822 298 tel: 1 - 800 - 446 - 1158 / (978) 794 - 1666, fax: (978) 6890803 website: http://www.microsemi.com ___________________________________________________________________________________ ________________________________________________ rf01008 rev c , september 2010 hi gh rel iability product group page 3 of 4 electrical characteristics @ 25 o c industry type numbe r (note 2) jedec type number rated standoff voltage v wm (n ote 1) breakdown voltage v br @ i br maximum clamping voltage v c @ i pp maximum standby current i d @ v wm peak pulse current ( see fig. 2) i pp maximum temperature coefficient of v b r ( ? v(br) ) v v ma v ? a a %/ o c m1.5ke6.8a m1.5ke7.5a 1n6267a 1n6268a 5.80 6.40 6.45 C 7.14 7.13 C 7.88 10 10 10.5 11.3 1000 500 143.0 132.0 .057 .061 m1.5ke8.2a m1.5ke9.1a 1n6269a 1n6270a 7.02 7.78 7.79 C 8.61 8.65 C 9.55 10 1 12.1 13.4 200 50 124.0 112.0 .065 .068 m1.5ke10a m1.5ke11a 1n6271a 1n6272a 8.55 9.40 9.50 C 10.50 10.50 C 11.60 1 1 14.5 15.6 10 5 103.0 96.0 .073 .075 m1.5ke12a m1.5ke13a 1n6273a 1n6274a 10.220 11.10 11.40 C 12.60 12.40 C 13.70 1 1 16.7 18.2 5 5 90.0 82.0 .078 .081 m1.5ke15a m1.5ke16a 1n6275a 1n6276a 12.80 13.60 14.30 C 15.80 15.20 C 16.80 1 1 21.2 22.5 1 1 71.0 67.0 .084 .086 m1.5ke18a m1.5ke20a 1n6277a 1n6278a 15.30 17.10 17.10 C 18.90 19.00 C 21.00 1 1 25.2 27.7 1 1 59.5 54.0 .088 .090 m1.5ke22a m1.5ke24a 1n627 9a 1n6280a 18.80 20.50 20.90 C 23.10 22.80 C 25.20 1 1 30.6 33.2 1 1 49.0 45.0 .092 .094 m1.5ke27a m1.5ke30a 1n6281a 1n6282a 23.10 25.60 25.70 C 28.40 28.50 C 31.50 1 1 37.5 41.4 1 1 40.0 36.0 .096 .097 m1.5ke33a m1.5ke36a 1n6283a 1n6284a 28.20 30.80 31. 40 C 34.70 34.20 C 37.80 1 1 45.7 49.9 1 1 33.0 30.0 .098 .099 m1.5ke39a m1.5ke43a 1n6285a 1n6286a 33.30 36.80 37.10 C 41.00 40.90 C 45.20 1 1 53.9 59.3 1 1 28.0 25.3 .100 .101 m1.5ke47a m1.5ke51a 1n6287a 1n6288a 40.20 43.60 44.70 C 49.40 48.50 C 53.60 1 1 64.8 70.1 1 1 23.2 21.4 .101 .102 m1.5ke56a m1.5ke62a 1n6289a 1n6290a 47.80 53.00 53.20 C 58.80 58.90 C 65.10 1 1 77.0 85.0 1 1 19.5 17.7 .103 .104 m1.5ke68a m1.5ke75a 1n6291a 1n6292a 58.10 64.10 64.60 C 71.40 71.30 C 78.80 1 1 92.0 103.0 1 1 16.3 14. 6 .104 .105 m1.5ke82a m1.5ke91a 1n6293a 1n6294a 70.10 77.80 77.90 C 86.10 86.50 C 95.50 1 1 113.0 125.0 1 1 13.3 12.0 .105 .106 m1.5ke100a m1.5ke110a 1n6295a 1n6296a 85.50 94.00 95.00 C 105.00 105.00 C 116.00 1 1 137.0 152.0 1 1 11.0 9.9 .106 .107 m1.5k e120a m1.5ke130a 1n6297a 1n6298a 102.00 111.00 114.00 C 126.00 124.00 C 137.00 1 1 165.0 179.0 1 1 9.1 8.4 .107 .107 m1.5ke150a m1.5ke160a 1n6299a 1n6300a 128.00 136.00 143.00 C 158.00 152.00 C 168.00 1 1 207.0 219.0 1 1 7.2 6.8 .108 .108 m1.5ke170a m1.5 ke180a 1n6301a 1n6303a 145.00 154.00 162.00 C 179.00 171.00 C 189.00 1 1 234.0 246.0 1 1 6.4 6.1 .108 .108 m1.5ke200a m1.5ke220a - 171.00 185.00 190.00 C 210.00 209.00 C 231.00 1 1 274.0 328.0 1 1 5.5 4.6 .108 .110 m1.5ke250a m1.5ke300a - 214.00 256.00 2 37.00 C 263.00 285.00 C 315.00 1 1 344.0 414.0 1 1 5.0 5.0 .110 .111 m1.5ke350a m1.5ke400a - 300.00 324.00 332.00 C 368.00 380.00 C 420.00 1 1 482.0 548.0 1 1 4.0 4.0 .111 .111 note 1: normal selection criteria for tvs devices is by rated stand - off vol tage ( v wm ) and should be equal or greater than dc or continuous peak operating voltage. note 2: for b idirectional construction, indicate a ca as suffix after part number (e.g . m 1.5ke33ca). for bidirectional types having vwm of 8 volts and under, the i d leakage current is doubled. bidirectional capacitance is half that shown in figure 4 at zero volts. note 3 : for unidirectional, the forward voltage (v f ) is 3.5 volts maximum at 100 amps peak for 8.3 ms half - sine wave.
technical dat a sheet gort road business park, ennis, co. clare, ireland. 6 lake street, lawrence, ma 01841 tel: +353 (0) 65 6840044 , fax: +353 (0) 65 6822 298 tel: 1 - 800 - 446 - 1158 / (978) 794 - 1666, fax: (978) 6890803 website: http://www.microsemi.com ___________________________________________________________________________________ ________________________________________________ rf01008 rev c , september 2010 hi gh rel iability product group page 4 of 4 graphs pulse time (tw) in ? peak pulse power ( p pp ) or con tinuous power in percent of 25 o c rating figure 1 C peak pulse power vs. pulse time (tw) in s figure 2 pulse wave form t l lead temperature o c figure 3 derating curve figure 4 typical capacitance vs. breakdown voltage


▲Up To Search▲   

 
Price & Availability of M15KE82A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X